PART |
Description |
Maker |
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
REC15-1205SRWZ REC15-483.3SRW REC15-483.3SRWH REC1 |
15 Watt 1?x 2?Single & Dual Output 15 Watt 1” x 2” Single & Dual Output 15 Watt 1x 2Single & Dual Output 15 Watt 1x 2Single & Dual Output 15瓦特1“2”单 15 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
LMX358 LMX358AKA-T LMX358ASA LMX358AUA LMX321 LMX3 |
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps DUAL OP-AMP, 6000 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / General-Purpose / Low-Voltage / Rail-to-Rail Output Op Amps Single/Dual/Quad/ General-Purpose/ Low-Voltage/ Rail-to-Rail Output Op Amps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor http://
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
RP40-1212SG RP40-121.8SG RP40-122.5SG RP40-121.5SG |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Wire Size (AWG):26 RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Mounting Type:Jackscrew; Wire Size (AWG):26 40 Watt Single, Dual, Positive Dual & Triple Output 40 Watt Single Dual Positive Dual & Triple Output DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MHI100DI5.7 MHI115S-12DI5.7 MHI115S-03DI5.7 MHI115 |
High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
RSD8-0505 RSD8-0505HP RSD8-0505P RSD8-0509 RSD8-05 |
1 Watt SMD Single & Dual Output 1瓦特贴片 1 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power] Recom International Pow...
|
RJ-3.31.8DHP RJ-3.33.3SHP RJ-0505D RJ-0505DH RJ-05 |
1 Watt DIP14 Single & Dual Output 1 Watt DIP14 Single & Dual Output 1瓦特DIP14
|
RECOM Power Inc. RECOM[Recom International Power] RECOM Electronic GmbH
|
RTS-053.3HP RTS-053.3P RTS-093.3HP RTS-093.3P RTS- |
2 Watt SMD Single & Dual Output 2瓦特贴片 2 Watt SMD Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SR_H1 REC3-123.3SRH1 REC3-0505SR_H1 REC3 |
2 Watt DIP24 Single & Dual Output 2瓦特DIP24 2 Watt DIP24 Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|